Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR2PMCD Datasheet(PDF) 6 Page - STMicroelectronics

Part # STSR2PMCD
Description  FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR2PMCD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STSR2PMCD Datasheet HTML 2Page - STMicroelectronics STSR2PMCD Datasheet HTML 3Page - STMicroelectronics STSR2PMCD Datasheet HTML 4Page - STMicroelectronics STSR2PMCD Datasheet HTML 5Page - STMicroelectronics STSR2PMCD Datasheet HTML 6Page - STMicroelectronics STSR2PMCD Datasheet HTML 7Page - STMicroelectronics STSR2PMCD Datasheet HTML 8Page - STMicroelectronics STSR2PMCD Datasheet HTML 9Page - STMicroelectronics STSR2PMCD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
STSR2P/STSR2PM
6/12
EXAMPLE OF COMPONENTS SELECTION FOR A FORWARD CONVERTER
Forward Specification:
VIN=36-72V
VOUT=3.3V
n=Np/Ns=4.5
R3 and R4 are calculated assuring a minimum voltage of 2.8V at CK pin. At 36V input, the voltage on the
secondary winding is 36/4.5=8V. Choosing R3=1.5KΩ,R4 results to be:
R4=1kΩ is chosen. At 72V input the current at CK pin is calculated as:
This value is below the maximum allowable current flowing into the CK pin (10mA). If the 10mA value is
exceeded an external diode connected to VCC must be added (D3).
R1 and R2 values set the anticipation time for OUTGATE2.For R1=∞ and R2=0, tANT2=75ns; for
R1=R2=10kΩ,tANT2=150ns; for R1=0 and R2=∞,tANT2=225ns.
The RC group composed by R5 and the parasitic capacitance of Inhibit pin (typically 5pF) delays the
signal on Inhibit comparator. This delay must be lower than 200ns. This condition imposes a maximum
value for R5 of about 20kΩ.
In general a suggested value for R5 is 10kΩ. At 72V input, the secondary voltage is 16V, so the maximum
current flowing into Inhibit pin is 16V/10k
Ω=1.6mA which is below the maximum allowable current for the
pin (10mA). If the 10mA value is exceeded an external diode (D2) connected to VCC must be added.
The maximum negative voltage of –0.6V must be guaranteed for the Inhibit pin. If this negative voltage is
exceeded the current must be limited to 50mA. If necessary, a diode (D1) connected to SGLGND can be
added to satisfy this specification.
INHIBIT OPERATION OF OUTGATE2 IN DISCONTINUOUS CONDUCTION MODE
R
4
V
CK
R
3
×
V
IN
I
CK 2.8
()
–
R
3
V
CK
–
×
----------------------------------------------------------------
≥
1k
Ω
2.8V
1.5 k
Ω
()
×
8V
220
µA
–
1.5 k
Ω 2.8V
–
×
--------------------------------------------------------------------------
×
862
Ω
==
I
CK
V
IN max
()
V
CC
–
0.3
–
R
3
-----------------------------------------------------
16
5
–
0.3
–
1.5k
Ω
------------------------------
7.13m A
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com