Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W9N150V Datasheet(PDF) 2 Page - STMicroelectronics

Part # W9N150V
Description  N-channel 1500V - 2.2Ω - 8A - TO-247 Very high voltage PowerMESH??Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W9N150V Datasheet(HTML) 2 Page - STMicroelectronics

  W9N150V Datasheet HTML 1Page - STMicroelectronics W9N150V Datasheet HTML 2Page - STMicroelectronics W9N150V Datasheet HTML 3Page - STMicroelectronics W9N150V Datasheet HTML 4Page - STMicroelectronics W9N150V Datasheet HTML 5Page - STMicroelectronics W9N150V Datasheet HTML 6Page - STMicroelectronics W9N150V Datasheet HTML 7Page - STMicroelectronics W9N150V Datasheet HTML 8Page - STMicroelectronics W9N150V Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical ratings
STW9N150
2/9
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
1500
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
8
A
ID
Drain current (continuous) at TC = 100°C
5
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
32
A
PTOT
Total dissipation at TC = 25°C
350
W
Derating factor
0.37
W/°C
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.36
°C/W
Rthj-amb Thermal resistance junction-ambient max
62.5
°C/W
Table 3.
Avalanche characteristics
Symbol
Parameter
Max value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
Tbd
A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 50V)
Tbd
mJ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com