Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SM123C4T1VA-R Datasheet(PDF) 4 Page - Solid State System Co., Ltd.

Part # 3SM123C4T1VA-R
Description  MEMS Microphone IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3S [Solid State System Co., Ltd.]
Direct Link  http://www.3system.com.tw/
Logo 3S - Solid State System Co., Ltd.

3SM123C4T1VA-R Datasheet(HTML) 4 Page - Solid State System Co., Ltd.

  3SM123C4T1VA-R Datasheet HTML 1Page - Solid State System Co., Ltd. 3SM123C4T1VA-R Datasheet HTML 2Page - Solid State System Co., Ltd. 3SM123C4T1VA-R Datasheet HTML 3Page - Solid State System Co., Ltd. 3SM123C4T1VA-R Datasheet HTML 4Page - Solid State System Co., Ltd. 3SM123C4T1VA-R Datasheet HTML 5Page - Solid State System Co., Ltd. 3SM123C4T1VA-R Datasheet HTML 6Page - Solid State System Co., Ltd. 3SM123C4T1VA-R Datasheet HTML 7Page - Solid State System Co., Ltd. 3SM123C4T1VA-R Datasheet HTML 8Page - Solid State System Co., Ltd. 3SM123C4T1VA-R Datasheet HTML 9Page - Solid State System Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Version 1.2
Date: 2023-04-20
- 4 -
MEMS Microphone IC
3SM123C4T1VA-R
WWW.3SYSTEM.COM.TW
Acoustical and Electrical Characteristics
Table 3 Typical test conditions are TA = 23 °C, VDD = 2.1 V and R.H. = 50 % measured in a
pressure chamber test setup. All voltages refer to GND node
Parameters
Symbol Min. Typ. Max.
Unit
Test Conditions
Acoustic
Sensitivity
S
-43
-42
-41 dBV/Pa 1KHz, 94dBSPL
Signal to Noise Ratio
S/N
57
dBA
A-weighted
Equivalent Noise Level
ENL
37
dBA
A-weighted
Total Harmonic Distortion
THD
0.1
%
94dBSPL
1
%
110dBSPL
Acoustic Overload Point
AOP
123
dBSPL
10% THD@1KHz,
S = Typ.
Low Frequency Roll-off
LFRO
63
Hz
-3dB relative to 1KHz
Electrical
Supply Voltage
Vdd
1.6
3.6
V
Current Consumption
Isb
80
μA
Vdd=2.1V
80
μA
Vdd=3.6V
Power Supply Rejection
PSR+N
-93
dBV(A)
217Hz, 100 mV peak to
peak square wave on Vcc
2.1V
Power Supply Rejection Ratio
PSRR
63
dB
1KHz, 200 mV peak to
peak sine wave on Vcc
2.1V
Output Impedance
Zout
200
Ω
@1KHz
Output DC Offset
1.3
V
Directivity
Omnidirectional
Polarity
Increasing output voltage
Increasing sound pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com