Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SM123GZB1VE-R Datasheet(PDF) 3 Page - Solid State System Co., Ltd.

Part # 3SM123GZB1VE-R
Description  MEMS Microphone IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3S [Solid State System Co., Ltd.]
Direct Link  http://www.3system.com.tw/
Logo 3S - Solid State System Co., Ltd.

3SM123GZB1VE-R Datasheet(HTML) 3 Page - Solid State System Co., Ltd.

  3SM123GZB1VE-R Datasheet HTML 1Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 2Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 3Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 4Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 5Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 6Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 7Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 8Page - Solid State System Co., Ltd. 3SM123GZB1VE-R Datasheet HTML 9Page - Solid State System Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Version 1.2
Date: 2023-04-20
- 3 -
MEMS Microphone IC
3SM123GZB1VE-R
WWW.3SYSTEM.COM.TW
Functional Block Diagram
Pin Definition and Function
Table 1
Pin #
Symbol
Function
1
VDD
Power supply
2
OUTPUT
Analog signal output
3
GND
Ground
4
No Connect
N/A
Temperature Range
Table 2
Storage Temperature
TSTG
-40℃ ~ 125℃
Operating Temperature Range
TA
-40℃ ~ 105℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com