Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTC05005JS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TTC05005JS
Description  Temperature Compensation/Sensing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TTC05005JS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TTC05005JS Datasheet HTML 1Page - List of Unclassifed Manufacturers TTC05005JS Datasheet HTML 2Page - List of Unclassifed Manufacturers TTC05005JS Datasheet HTML 3Page - List of Unclassifed Manufacturers TTC05005JS Datasheet HTML 4Page - List of Unclassifed Manufacturers TTC05005JS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
28
P RO D U C T DATA
TTC05005~TTC05681
TTC05005~TTC05681
TTC05102~TTC05104
-30 -20 -10
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Temperature (
)
-30 -20 -10
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Temperature (
)
R-T characteristic curve (representative)
V-I characteristic curve (representative)
100000
50000
20000
10000
2000
5000
1000
500
200
100
50
20
10
5
2
1
10
100
50
20
5
2
1
0.5
0.2
0.1
Current(mA)
1
100
10000
10
0.1
1000
1
100
10000
10
0.01
1000
0.1
TTC05681
TTC05501
TTC05301
TTC05201
TTC05151
TTC05101
TTC05085
TTC05050
TTC05045
TTC05015
TTC05010
TTC05005
TTC05104
TTC05503
TTC05203
TTC05153
TTC05103
TTC05682
TTC05502
TTC05402
TTC05302
TTC05202
TTC05152
TTC05102



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com