Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTC05015JS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TTC05015JS
Description  Temperature Compensation/Sensing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TTC05015JS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TTC05015JS Datasheet HTML 1Page - List of Unclassifed Manufacturers TTC05015JS Datasheet HTML 2Page - List of Unclassifed Manufacturers TTC05015JS Datasheet HTML 3Page - List of Unclassifed Manufacturers TTC05015JS Datasheet HTML 4Page - List of Unclassifed Manufacturers TTC05015JS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
29
THINKING ELECTRONIC
Item
Test Conditions/Methods
Gradually applying the force specified below to each terminal and keeping the unit fixed
for 10 1 sec .
Tensile
Strength of
Terminations
Bending
Strength of
Terminations
Damp Heat
Specifications
No visible damage
No visible damage
Terminal diameter
(mm)
0.3<d
0.5
0.5<d
0.8
Force
(Kg)
0.5
1.0
Terminal diameter
(mm)
0.3<d
0.5
0.5<d
0.8
0.25
0.5
Force
(Kg)
Hanging the force specified below to each terminal and gradually bending each terminal by 90
in one direction, then 90 in the opposite direction, and again back to the origin.
The thermal shock conditions shown below shall be repeated 5 cycles
1
2
3
4
Step
Temperature (
)
-30 5
Room temperature
125 5
Room temperature
Period (minutes)
30
30
3
3
5 3
5 3
Solderability
Resistance to
Soldering
Heat
At least 95% of terminal
electrode is covered by
new solder
Life Test
No visible damage
R/R
5 %
No visible damage
R/R
3%
No visible damage
R/R
3 %
No visible damage
R/R
3 %
25 5
, Pmax X 1000 HRS
235 5
, 2 0.5 sec
26 0 5
, 10 1 sec
40
2
, 9 0 ~ 95 % RH ,1000 24 HRS
Thermal
Shock
Reliability test
Current(mA)
TTC05102~TTC05104
10000
5000
2000
1000
200
500
100
50
20
10
5
2
1
0.5
0.2
0.1
1000
500
200
100
50
20
10
5
2
1
P RO D U C T DATA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com