Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL Datasheet(PDF) 5 Page - Interpion semiconductor

Part # SMFL
Description  Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

SMFL Datasheet(HTML) 5 Page - Interpion semiconductor

  SMFL Datasheet HTML 1Page - Interpion semiconductor SMFL Datasheet HTML 2Page - Interpion semiconductor SMFL Datasheet HTML 3Page - Interpion semiconductor SMFL Datasheet HTML 4Page - Interpion semiconductor SMFL Datasheet HTML 5Page - Interpion semiconductor SMFL Datasheet HTML 6Page - Interpion semiconductor SMFL Datasheet HTML 7Page - Interpion semiconductor SMFL Datasheet HTML 8Page - Interpion semiconductor SMFL Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MODEL NUMbERING kEy
SMFL 28 05 S / K R
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
RHA level
SMD NUMbERS
StanDarD micrOcircuit
Drawing (SmD)
IN PROCESS
5962-9316302HxC
5962-9316202HxC
5962-9316102HxC
IN PROCESS
IN PROCESS
5962-9319302HxC
SmFl SerieS
Similar Part
SMFL283R3S/HO
SMFL2805S/HO
SMFL2812S/HO
SMFL2815S/HO
SMFL2805D/HO
SMFL2812D/HO
SMFL2815D/HO
The SMD number shown is for Class H screening, non-flanged,
and no Radiation Hardness Assurance (RHA) level. See the
SMD for the numbers for other screening and RHA levels.
For exact specifications for an SMD product, refer to the SMD
drawing. Call your Interpoint representative for status on the
SMFL SMD releases which are “in process.” SMDs can be down-
loaded from:
http://www.dscc.dla.mil/programs/smcr
ModeL seLection
SMFL28
/
Base model
Vout value
number of outputs
case option
screening
Choose one from each of the following rows
Vout value
singles: 3R3, 5, 12, 15
duals: 5,12,15
“R” = decimal point, 3R3 = 3.3VDC
Number of outputs
S (single)
or D (dual)
Case option
standard (case U, leave blank)
V, W, Y and Z available by special order
Screening
OO* - Space prototype, HO, HR, KR
*Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness Assurance level of MIL-PRF-38534,
which is defined as “no RHA”
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 5 of 13
Rev H - 20061102
sMFL single and dual dc/dc converters
28 VoLt input – 65 Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com