Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T66I Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # T66I
Description  6.2*6.2mm tact switch, through hole or SMD, low-profile
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

T66I Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  T66I Datasheet HTML 1Page - Apex Electronics Co., Ltd T66I Datasheet HTML 2Page - Apex Electronics Co., Ltd T66I Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
T66I Series
6.2*6.2mm tact switch, through hole or SMD, low-profile
T66IG
T66IG-Ground Pin
T66IK
T66IS-Ground Pin




7.5
6.5
4-0.7
4.5
4- 1.0
3.0
6.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com