Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TACP Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # TACP
Description  Capacitive switch, 50 million cycles, IP68, illumination
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

TACP Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  TACP Datasheet HTML 1Page - Apex Electronics Co., Ltd TACP Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
TACP Series
Capacitive switch, 50 million cycles, IP68, illumination
MAX.PANEL THICKNESS:0.8mm[0.315](Max.)
PANEL CUTOUT
MAX.PANEL THICKNESS:10.0mm[0.394]
PANEL CUTOUT
MAX.PANEL THICKNESS:10.0mm[0.394]
PANEL CUTOUT
BUSHING
LIGHT TYPE
WIRE
16mm
19mm
22mm
G Power logo+Ring
B Ring
0.584 +0.008
0.000
14.83 +0.20
0.00
Ø
0.630+0.008
0.000
Ø
16.00+0.20
0.00
R0.44
R11.10
0.81
20.70
0.70
17.70
R0.38
R9.60
0.59
15.00
0.08
2.00
0.59
15.00
0.08
2.00
Ø
0.98
Ø
25.00
Ø
0.87
Ø
22.00
0.69
17.50
0.58
14.50
0.81
20.50
Ø
0.71
Ø
18.00
M16x1.0
0.06
1.50
0.59
15.00
M22x1.0
M19x1.0
CAP
Ring illuminated
Power logo illuminated
CAP
Ring illuminated
5.90(REF.)
150(REF.)
0.59
15.00
A
A
Wire:Brown
Wire:Orange
Wire:Blue
Wire:Green
Wire:Black
EPOXY
2.54mm
Connector
SECTION A-A
Wire:Red
Part No. Shown : TACP
-A1-F1FB-00-3C D101



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com