Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R69B Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # R69B
Description  Pushbutton switch, push to lock
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

R69B Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  R69B Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
WAPM Series
Pushbutton switch, push to lock
01
SPECIFICATIONS
RATING:0.3A 50V DC
Withstand Voltage:AC 500V 1Min 0.5mA 1 Min
Operating Force:160gf±100gf
Life Test:10,000 Cycle 15~18 Cycle/Min
9.60
.378
6.50
.256
3.30
.130
7.20
.284
4.30
.169
0.50
Ø
.193
Ø
4.90
.020
Ø
.236
Ø
6.00
26
3
.
Ø
0
2
. 9
Ø
Ø
.110
Ø
2.80
Ø
.110
Ø
2.80
Ø
.323
Ø
8.20
Ø
.331
Ø
8.40
3.30
.130
3.30
.130
R69B
R837B
R759B
R88B
WAPM-1PLB
WAPM-2PLBY
WAPM-2PLBY-R759B
Ø
.294
Ø
.7.46
.236
9.00
.283
7.20
CAP OPTIONS
0.4 THK
0.6 THK
1
2
3
45
6
CIRCUIT DLAGRAM
SUGGESTED PCB LAYOUT
1
2
3
45
6
CIRCUIT DLAGRAM
SUGGESTED PCB LAYOUT
SUGGEST PANEL CUT
3.5±0.2mm TOTAL TRAVEL
2.5±0.2mm LOCK TRAVEL
22.0
4.0
12.2
0.6
3.2
2.5
5.0
0.5
0.8
3.7
11.9
0.8 THK
1.1 THK
2.2
3-Ø0.9
2-Ø1.1
2.5
3.2
5.0
3.7
11.9
3.50
[.138]
12.00
[.472]
5.50
[.217]
2.50±0.3mm LOCK TRAVEL
[.098]
3.50±0.3mm TOTAL TRAVEL
[.138]
24.70
[.972]
0.60
[.024]
1.00
[.039]
3.20
[.126]
6.40
[.252]
7.20
[.283]
0.40
[.016]
1.00
[.039]
3.00
[.118]
6.20
[.244]
Ø
1.40
[Ø0.55]
Ø
1.20
[Ø0.47]
3.20
[.126]
3.20
[.126]
2.50
[.098]
3.00
[.118]
11.40
[.449]
9.00
[.354]
28.20
[1.110]
25.8
[1.016]
TOTAL
TRAVEL
2.50±0.3mm LOCK TRAVEL
[.098]
3.50±0.3mm TOTAL TRAVEL
[.138]
12.20
[.472]
1.00
[.039]
3.20
[.126]
6.40
[.252]
0.60
[.024]
2.50
[.098]
3.50
[.138]
7.20
[.283]
1.00
[.039]
0.40
[.016]
3.00
[.118]
6.20
[.244]
11.40
[.449]
2.50
[.098]
3.20
[.126]
3.20
[.126]
Ø
1.40
[Ø0.55]
Ø
7.45
[Ø.293]
Ø
1.20
[Ø0.47]
3.00
[.118]


Similar Part No. - R69B

ManufacturerPart #DatasheetDescription
logo
GIACOMINI WATER E-MOTIO...
R690X002 GIACOMINI-R690X002 Datasheet
558Kb / 2P
“MINI” series ball valve, for water for heating systems, standard port
R690X003 GIACOMINI-R690X003 Datasheet
558Kb / 2P
“MINI” series ball valve, for water for heating systems, standard port
logo
Hamamatsu Corporation
R6925 HAMAMATSU-R6925 Datasheet
49Kb / 4P
PHOTOMULTIPLIER TUBE
R6925 HAMAMATSU-R6925 Datasheet
173Kb / 4P
PHOTOMULTIPLIER TUBE
R6925 HAMAMATSU-R6925_06 Datasheet
173Kb / 4P
PHOTOMULTIPLIER TUBE
More results

Similar Description - R69B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
Honeywell Accelerometer...
2PB11-T2 HONEYWELL-ACC-2PB11-T2 Datasheet
71Kb / 1P
ASSEMBLY-PUSHBUTTON SWITCH
logo
Bi technologies
P09XS BITECH-P09XS Datasheet
158Kb / 6P
Switch / Push-Lock Option
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
Pushbutton Switch
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
Pushbutton Switch
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
Backlit Pushbutton Switch
logo
SHINMEI ELECTRIC CO., L...
PLE-22-748 SHINMEI-PLE-22-748 Datasheet
124Kb / 2P
2.5mm Stroke Push Lock Switch
logo
C&K Components
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com