Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT240 Datasheet(PDF) 1 Page - Texas Instruments

Part # ACT240
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ACT240 Datasheet(HTML) 1 Page - Texas Instruments

  ACT240 Datasheet HTML 1Page - Texas Instruments ACT240 Datasheet HTML 2Page - Texas Instruments ACT240 Datasheet HTML 3Page - Texas Instruments ACT240 Datasheet HTML 4Page - Texas Instruments ACT240 Datasheet HTML 5Page - Texas Instruments ACT240 Datasheet HTML 6Page - Texas Instruments ACT240 Datasheet HTML 7Page - Texas Instruments ACT240 Datasheet HTML 8Page - Texas Instruments ACT240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54ACT240, SN74ACT240
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS515C – JUNE 1995 – REVISED OCTOBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 4.5-V to 5.5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 8.5 ns at 5 V
D Inputs Are TTL Compatible
SN54ACT240 ...J OR W PACKAGE
SN74ACT240 . . . DB, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54ACT240 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
description/ordering information
These octal buffers and line drivers are designed specifically to improve the performance and density of 3-state
memory address drivers, clock drivers, and bus-oriented receivers and transmitters.
The ’ACT240 devices are organized as two 4-bit buffers/drivers with separate output-enable (OE) inputs. When
OE is low, the device passes inverted data from the A inputs to the Y outputs. When OE is high, the outputs are
in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74ACT240N
SN74ACT240N
SOIC
DW
Tube
SN74ACT240DW
ACT240
40
°Cto85°C
SOIC – DW
Tape and reel
SN74ACT240DWR
ACT240
–40
°C to 85°C
SOP – NS
Tape and reel
SN74ACT240NSR
ACT240
SSOP – DB
Tape and reel
SN74ACT240DBR
AD240
TSSOP – PW
Tape and reel
SN74ACT240PWR
AD240
CDIP – J
Tube
SNJ54ACT240J
SNJ54ACT240J
–55
°C to 125°C
CFP – W
Tube
SNJ54ACT240W
SNJ54ACT240W
LCCC – FK
Tube
SNJ54ACT240FK
SNJ54ACT240FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - ACT240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ACT244 ONSEMI-ACT244 Datasheet
91Kb / 8P
Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
logo
Texas Instruments
ACT245 TI-ACT245 Datasheet
509Kb / 15P
OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - ACT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC541 TI-SN54AHC541_07 Datasheet
621Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com