Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F125 Datasheet(PDF) 1 Page - Texas Instruments

Part # F125
Description  QUADRUPLE BUS BUFFER GATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

F125 Datasheet(HTML) 1 Page - Texas Instruments

  F125 Datasheet HTML 1Page - Texas Instruments F125 Datasheet HTML 2Page - Texas Instruments F125 Datasheet HTML 3Page - Texas Instruments F125 Datasheet HTML 4Page - Texas Instruments F125 Datasheet HTML 5Page - Texas Instruments F125 Datasheet HTML 6Page - Texas Instruments F125 Datasheet HTML 7Page - Texas Instruments F125 Datasheet HTML 8Page - Texas Instruments F125 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74F125
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SDFS016B – JANUARY 1989 – REVISED JULY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
description/ordering information
The SN74F125 features independent line drivers
with 3-state outputs. Each output is disabled when
the associated output-enable (OE) input is high.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74F125N
SN74F125N
SOIC
D
Tube
SN74F125D
F125
0
°C to 70°C
SOIC – D
Tape and reel
SN74F125DR
F125
SOP – NS
Tape and reel
SN74F125NSR
74F125
SSOP – DB
Tape and reel
SN74F125DBR
F125
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
Y
L
H
H
L
LL
H
X
Z
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DB, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y


Similar Part No. - F125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1257 ETC1-F1257 Datasheet
171Kb / 2P
1.25mm pitch FFC/FPC connector
F1257WV-10P ETC1-F1257WV-10P Datasheet
171Kb / 2P
1.25mm pitch FFC/FPC connector
F1257WV-10P-T ETC1-F1257WV-10P-T Datasheet
171Kb / 2P
1.25mm pitch FFC/FPC connector
F1257WV-11P ETC1-F1257WV-11P Datasheet
171Kb / 2P
1.25mm pitch FFC/FPC connector
F1257WV-11P-T ETC1-F1257WV-11P-T Datasheet
171Kb / 2P
1.25mm pitch FFC/FPC connector
More results

Similar Description - F125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC126 TI-SN74AUC126_07 Datasheet
551Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC125A UTC-U74LVC125A_15 Datasheet
231Kb / 5P
QUADRUPLE BUS BUFFER GATE
U74LVC125A UTC-U74LVC125A_V01 Datasheet
246Kb / 5P
QUADRUPLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com