Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS50K320P Datasheet(PDF) 1 Page - EPCOS

Part # LS50K320P
Description  Strap Varistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

LS50K320P Datasheet(HTML) 1 Page - EPCOS

  LS50K320P Datasheet HTML 1Page - EPCOS LS50K320P Datasheet HTML 2Page - EPCOS LS50K320P Datasheet HTML 3Page - EPCOS LS50K320P Datasheet HTML 4Page - EPCOS LS50K320P Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
231 04/02
Construction
I Round varistor element
I Coating: epoxy resin, flame-retardant to UL 94 V-0
I Bolt-holed strap terminals for screw fixing or soldering
Features
I Maximum load capacity with minimum size
I PSpice models
Approvals
I UL (all types)
I CSA (all types)
Type designation
Detailed description of coding system on page 39, chapter “General Technical Information”
General technical data
Climatic category
LCT
UCT
Damp heat, steady state
(93 % r.h., 40
°C)
40/85/56
– 25
°C
+ 85
°C
56 days
in accordance with IEC 60068-1
in accordance with IEC 60068-2-3
Operating temperature
– 25 … + 85
°C
in accordance with CECC 42 000
Storage temperature
– 25 … + 110
°C
Electric strength
³ 2,5 kV
RMS
in accordance with CECC 42 000
Insulation resistance
³ 10 MW
in accordance with CECC 42 000
Response time
< 25 ns
SIOV-LS 50 K 130 P
Strap terminals
Rated diameter of
varistor disk
Epoxy resin coating
Max. AC operating voltage
Tolerance of varistor voltage
EPCOS metal oxide varistor
HighE Series
Strap Varistors


Similar Part No. - LS50K320P

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS50 RSG-LS50 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
LS50-12 RSG-LS50-12 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS50-12 TDK-LS50-12 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
logo
RSG Electronic Componen...
LS50-15 RSG-LS50-15 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS50-15 TDK-LS50-15 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
More results

Similar Description - LS50K320P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
Varistors
28-Apr-04
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
VARISTORS
logo
Texas Instruments
RI-UHF-STRAP-08 TI-RI-UHF-STRAP-08 Datasheet
573Kb / 9P
9UHF Gen2 STRAP
logo
EPCOS
B72240L0131K100 EPCOS-B72240L0131K100 Datasheet
82Kb / 5P
Strap Varistors HighE Series
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
Varistors
logo
Pomona Electronics
6083 POMONA-6083 Datasheet
22Kb / 1P
Metal Wrist Strap, ESD
6086 POMONA-6086 Datasheet
100Kb / 3P
ESD Wrist Strap Tester
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
CHO-STRAP INSULATED GROUND STRAP
BT-BS-609-ENV ETC-BT-BS-609-ENV Datasheet
136Kb / 1P
STRAP WRENCH ENVELOPE DRAWING
REV. 1
logo
Greystone Energy System...
TXSO GREYSTONE-TXSO Datasheet
366Kb / 2P
STRAP-ON TEMPERATURE TRANSMITTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com