Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

403CMQ080/R Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # 403CMQ080/R
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

403CMQ080/R Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  403CMQ080/R Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 403CMQ080/R Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 403CMQ080/R Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 403CMQ080/R Datasheet HTML 4Page - SMC Diode Solutions Co. LTD 403CMQ080/R Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N0990, Rev F
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
403CMQ SERIES
403CMQ080/R 403CMQ100/R
SCHOTTKY RECTIFIER
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
80
403CMQ080/R
V
100
403CMQ100/R
Average Rectified Forward Current
IF(AV)
50% duty cycle @TC =85°C,
rectangular wave form
200(Per Leg)
A
400(Per Device)
Peak One Cycle Non-Repetitive
Surge Current (Per Leg)
IFSM
8.3 ms, half Sine pulse
3960
A
Non-Repetitive Avalanche
Energy(Peg Leg)
EAS
TJ=25℃,IAS=1A,L=30mH
15
mJ
Repetitive Avalanche Current
(Peg Leg)
IAR
Current decaying linearly to zero
in 1 μsec Frequency limited by
TJ max. VA=1.5×VR typical
1
A
Features
Circuit Diagram
Applications
Maximum Ratings(limiting values, at 25 °C unless otherwise specified)
175℃ TJ operation
Center tap module
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Base plate: Nickel plated; Terminals: Nickel plated
The terminal hardware is supplied with the module.
The mounting hardware is not supplied. Recommended
is the use of ¼-20 or M6 screws with spring washer.
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
High current switching power supply
Plating power supply
Free-Wheeling diodes
Reverse battery protection
Converters
UPS System
Welding
PRM4 (Isolated)
403CMQ...
403CMQ...R


Similar Part No. - 403CMQ080/R

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
403CMQ080/R SMCDIODE-403CMQ080/R Datasheet
335Kb / 5P
SCHOTTKY RECTIFIER
Rev B
More results

Similar Description - 403CMQ080/R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com