Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84143-G120-R11 Datasheet(PDF) 6 Page - EPCOS

Part # B84143-G120-R11
Description  3-Line Filters for Converters and Power Electronics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143-G120-R11 Datasheet(HTML) 6 Page - EPCOS

  B84143-G120-R11 Datasheet HTML 1Page - EPCOS B84143-G120-R11 Datasheet HTML 2Page - EPCOS B84143-G120-R11 Datasheet HTML 3Page - EPCOS B84143-G120-R11 Datasheet HTML 4Page - EPCOS B84143-G120-R11 Datasheet HTML 5Page - EPCOS B84143-G120-R11 Datasheet HTML 6Page - EPCOS B84143-G120-R11 Datasheet HTML 7Page - EPCOS B84143-G120-R11 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
244 03/01
3-Line Filters
B84143-G*-R112
B84143-G*-R110
for Converters and Power Electronics
B84143-G120-R11*, B84143-G150-R11*
B84143-G220-R11*
SSB1295-Y
90
PE
M10 x 35
350
500±10
365±0,5
Litze
380
klemmen
Anschluss-
L3
L1
L2
Marking
Litzenbezeichnung
Aderendhülse
L3’
L2’
L1’
PE
LINE
LOAD
50 mm2
Terminal
blocks
Litz wire
Litz wire markings
Wire end ferrule
50 mm2
SSB1348-T
110
Anschlussklemmen 95 mm
PE
M10 x 35
400
500±10
Litze
Aderendhülse
Litzenbezeichnung
430
415±0,5
Marking
LINE
LOAD
2
L3’
L2’
L1’
PE
L1
L3
L2
Terminal blocks 95 mm2
Litz wire
Litz wire markings
Wire end ferrule



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com