Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B63399-B1 Datasheet(PDF) 2 Page - EPCOS

Part # B63399-B1
Description  RM 10 RM cores are supplied in sets
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B63399-B1 Datasheet(HTML) 2 Page - EPCOS

  B63399-B1 Datasheet HTML 1Page - EPCOS B63399-B1 Datasheet HTML 2Page - EPCOS B63399-B1 Datasheet HTML 3Page - EPCOS B63399-B1 Datasheet HTML 4Page - EPCOS B63399-B1 Datasheet HTML 5Page - EPCOS B63399-B1 Datasheet HTML 6Page - EPCOS B63399-B1 Datasheet HTML 7Page - EPCOS B63399-B1 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
236 08/01
I In accordance with IEC 60431
I Cores without center hole
for transformer applications
I RM cores are supplied in sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
0,5
42
83
—
3 470
0,45
44
98
90
4 310
mm–1
mm
mm2
mm2
mm3
m
20,7
22
g
Material
AL value
nH
s
approx.
mm
µe
Ordering code1)
-D with center hole
-N with threaded sleeve
-J without center hole
N48
400
± 3 %
0,21
160
B65813-+400-A48
630
± 3 %
0,13
250
B65813-+630-A48
N41
250
± 3 %
0,44
90
B65813-J250-A41
630
± 5 %
0,13
226
B65813-J630-J41
1600
± 10 %
0,04
573
B65813-J1600-K41
1) Replace the + by the code letter “D” or “N” for the required version.
B65813
Core
RM 10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com