Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84143-G220-R11 Datasheet(PDF) 4 Page - EPCOS

Part # B84143-G220-R11
Description  3-Line Filters for Converters and Power Electronics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143-G220-R11 Datasheet(HTML) 4 Page - EPCOS

  B84143-G220-R11 Datasheet HTML 1Page - EPCOS B84143-G220-R11 Datasheet HTML 2Page - EPCOS B84143-G220-R11 Datasheet HTML 3Page - EPCOS B84143-G220-R11 Datasheet HTML 4Page - EPCOS B84143-G220-R11 Datasheet HTML 5Page - EPCOS B84143-G220-R11 Datasheet HTML 6Page - EPCOS B84143-G220-R11 Datasheet HTML 7Page - EPCOS B84143-G220-R11 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
242 03/01
3-Line Filters
B84143-G*-R112
B84143-G*-R110
for Converters and Power Electronics
Dimensional drawings
B84143-G8-R11*, B84143-G20-R11*
B84143-G36-R11*
SSB1291-1
Marking
200
50
Anschluss-
klemmen 4 mm
M6 x 25
PE
300±10
PE
L3’
L2’
L1’
215±0,5
230
Aderendhülse
Litzenbezeichnung
Litze
L2
L1
L3
LINE
LOAD
2
Terminal
blocks 4 mm2
Litz wire
Litz wire markings
Wire end ferrule
SSB1292-9
60
Marking
265±0,5
280
M6 x 25
PE
250
400±10
L2
L1
L3
klemmen 6 mm
Anschluss-
Litze
Litzenbezeichnung
Aderendhülse
L3’
L2’
L1’
PE
LINE
LOAD
2
Terminal
blocks 6 mm2
Litz wire
Litz wire markings
Wire end ferrule



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com