Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65815-E-R49 Datasheet(PDF) 3 Page - EPCOS

Part # B65815-E-R49
Description  RM 12 In accordance with IEC 60431
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65815-E-R49 Datasheet(HTML) 3 Page - EPCOS

  B65815-E-R49 Datasheet HTML 1Page - EPCOS B65815-E-R49 Datasheet HTML 2Page - EPCOS B65815-E-R49 Datasheet HTML 3Page - EPCOS B65815-E-R49 Datasheet HTML 4Page - EPCOS B65815-E-R49 Datasheet HTML 5Page - EPCOS B65815-E-R49 Datasheet HTML 6Page - EPCOS B65815-E-R49 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
245 08/01
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
-E w/o center hole
N30
8400 + 30/– 20 %
2610
B65815-E-R30
N49
3700 + 30/– 20 %
1090 1930
< 1,41
(50 mT, 500 kHz, 100
°C)
B65815-E-R49
N87
5300 + 30/– 20 %
1640 2900
< 4,50
(200 mT, 100 kHz, 100
°C)
B65815-E-R87
N971)
5300 + 30/– 20 %
1640 2900
< 3,60
(200 mT, 100 kHz, 100
°C)
B65815-E-R97
N41
6000 + 30/– 20 %
1860 2900
< 1,50
(200 mT, 25 kHz, 100
°C)
B65815-E-R41
1) Preliminary data
B65815
Core
RM 12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com