Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84143-B-R110 Datasheet(PDF) 3 Page - EPCOS

Part # B84143-B-R110
Description  3-Line Filters for Converters and Power Electronics
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143-B-R110 Datasheet(HTML) 3 Page - EPCOS

  B84143-B-R110 Datasheet HTML 1Page - EPCOS B84143-B-R110 Datasheet HTML 2Page - EPCOS B84143-B-R110 Datasheet HTML 3Page - EPCOS B84143-B-R110 Datasheet HTML 4Page - EPCOS B84143-B-R110 Datasheet HTML 5Page - EPCOS B84143-B-R110 Datasheet HTML 6Page - EPCOS B84143-B-R110 Datasheet HTML 7Page - EPCOS B84143-B-R110 Datasheet HTML 8Page - EPCOS B84143-B-R110 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
248 03/01
3-Line Filters
B84143-B*-R112
B84143-B*-R110
for Converters and Power Electronics
Technical data
Characteristics and ordering codes
Compilation of ordering code
Replace the asterisk * by the code number for the required version:
0 = 480 / 275 V
2 = 520 / 300 V
1) At rated operation
Rated voltage VR
480/275 V~, 50/60 Hz (type -R110)
520/300 V~, 50/60 Hz (type -R112)
Rated current I R
Referred to 40
°C ambient temperature
Test voltage VP
1770 V–, 2 s (line/line)
2700 V–, 2 s (lines/case)
Overload capability
1,5 · IR for 3 min per hour or
2,5 · IR for 30 s per hour
Leakage current I leak
at 480 V~, 50 Hz
Climatic category
25/100/21 (– 25
°C/+ 100 °C/21 days damp heat test)
in accordance with EN 60068-1
IR
A
Terminal cross section
I leak
typ1)
mA
Rtyp
m
Ω
Approx.
weight
kg
Ordering code
line side:
terminal blocks
mm2
load side:
litz wires
mm2
84
1,5
< 14
26
1,5
B84143-B8-R110
16
4
2,5
< 14
13
1,5
B84143-B16-R110
25
6
4
< 14
10
2,7
B84143-B25-R11*
36
6
6
< 14
6,5
3,2
B84143-B36-R11*
50
16
10
< 14
4,3
3,7
B84143-B50-R11*
66
25
16
< 14
2,7
4,3
B84143-B66-R11*
90
25
25
< 14
2,0
7,7
B84143-B90-R11*
120
50
35
< 14
1,4
8,3
B84143-B120-R11*
150
50
35
< 14
0,9
9,7
B84143-B150-R11*
200
95
70
< 14
0,5
13,5
B84143-B200-R11*



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com