Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65815-P-R92 Datasheet(PDF) 1 Page - EPCOS

Part # B65815-P-R92
Description  RM 12 Low Profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65815-P-R92 Datasheet(HTML) 1 Page - EPCOS

  B65815-P-R92 Datasheet HTML 1Page - EPCOS B65815-P-R92 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
249 08/01
I In accordance with IEC 61860
I For compact transformers
I Without center hole
I RM cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 0,28 mm–1
le
= 42 mm
Ae
= 147,5 mm2
Amin = 124,7 mm2
Ve
= 6 195 mm3
Approx. weight 33,6 g/set
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N49
4500 + 30/– 20 %
1010
3100
< 1,21
(50 mT, 500 kHz, 100
°C)
B65815-P-R49
N921)
4800 + 30/– 20 %
1100
4000
< 3,70
(200 mT, 100 kHz, 100
°C)
B65815-P-R92
N87
6300 + 30/– 20 %
1420
4000
< 3,36
(200 mT, 100 kHz, 100
°C)
B65815-P-R87
1) Preliminary data
B65815-P
Core
RM 12 »Low Profile«


Similar Part No. - B65815-P-R92

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65815-E-R30 EPCOS-B65815-E-R30 Datasheet
216Kb / 7P
RM 12 In accordance with IEC 60431
B65815-E-R41 EPCOS-B65815-E-R41 Datasheet
216Kb / 7P
RM 12 In accordance with IEC 60431
B65815-E-R49 EPCOS-B65815-E-R49 Datasheet
216Kb / 7P
RM 12 In accordance with IEC 60431
B65815-E-R87 EPCOS-B65815-E-R87 Datasheet
216Kb / 7P
RM 12 In accordance with IEC 60431
B65815-E-R97 EPCOS-B65815-E-R97 Datasheet
216Kb / 7P
RM 12 In accordance with IEC 60431
More results

Similar Description - B65815-P-R92

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65820R1008D001 EPCOS-B65820R1008D001 Datasheet
110Kb / 4P
RM 7 Low Profile
B65811-P-R49 EPCOS-B65811-P-R49 Datasheet
142Kb / 4P
RM 8 Low Profile
B65813-P EPCOS-B65813-P Datasheet
90Kb / 2P
RM 10 Low Profile
B65815 EPCOS-B65815 Datasheet
216Kb / 7P
RM 12 In accordance with IEC 60431
B65887-P EPCOS-B65887-P Datasheet
90Kb / 2P
RM 14 Low Profile
logo
Ferroxcube Internationa...
RM4-3D3-E40 FERROXCUBE-RM4-3D3-E40 Datasheet
74Kb / 6P
RM, RM/I, RM/ILP cores and
RM5-3C90-A63 FERROXCUBE-RM5-3C90-A63 Datasheet
79Kb / 7P
RM, RM/I, RM/ILP cores and accessories
RM12-3C90 FERROXCUBE-RM12-3C90 Datasheet
51Kb / 4P
RM, RM/I, RM/ILP cores and accessories
RM12-3C90-A160 FERROXCUBE-RM12-3C90-A160 Datasheet
89Kb / 7P
RM, RM/I, RM/ILP cores and accessories
RM14-3C90-A250 FERROXCUBE-RM14-3C90-A250 Datasheet
88Kb / 7P
RM, RM/I, RM/ILP cores and accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com