Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65887-E-R97 Datasheet(PDF) 3 Page - EPCOS

Part # B65887-E-R97
Description  RM 14 In accordance with IEC 60431
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65887-E-R97 Datasheet(HTML) 3 Page - EPCOS

  B65887-E-R97 Datasheet HTML 1Page - EPCOS B65887-E-R97 Datasheet HTML 2Page - EPCOS B65887-E-R97 Datasheet HTML 3Page - EPCOS B65887-E-R97 Datasheet HTML 4Page - EPCOS B65887-E-R97 Datasheet HTML 5Page - EPCOS B65887-E-R97 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
253 08/01
Coil former
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
°C), color code green
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3,5 s
Winding:
see “Processing Notes”, page 153
Squared pins
For matching clamp and insulating washers see page 255
10 pins
12 pins
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
Ordering code
1
107
71,5
23
10
B65888-C1010-D1
12
B65888-C1012-D1
FRM0273-D
3
15,2+0,3
0,6
Erdungspunkte ø1,6+0,1
1
2
3
12
11
10
9
7
4
6
7
9
6 4
10
11
12
1
2
3
8
5
0,3
ø28,8 _
_
ø16,8 0,2
Ground Ø 1,6+0,1
Hole arrangement
View in mounting direction
B65888
Accessories
RM 14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com