Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65646-A-R27 Datasheet(PDF) 2 Page - EPCOS

Part # B65646-A-R27
Description  PM 50/39
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65646-A-R27 Datasheet(HTML) 2 Page - EPCOS

  B65646-A-R27 Datasheet HTML 1Page - EPCOS B65646-A-R27 Datasheet HTML 2Page - EPCOS B65646-A-R27 Datasheet HTML 3Page - EPCOS B65646-A-R27 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
260 08/01
Coil former
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
°C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3,5 s
Winding:
see “Processing Notes”, page 154
Also available without solder pins
Sections
AN
mm2
lN
mm
AR value
µΩ
Solder
pins
Ordering code
1
154
96,8
21,6
14
B65647-B1014-T1
1
154
96,8
21,6
—
B65647-A1000-T1
FPM0019-1
2,54
14
8
45,72
1
7
ø1,6+0,15
65,5 max.
20,2+0,2
ø23,4 max.
1,2 x 0,6
Marking of solder pin 1
Hole arrangement view
in mounting direction
ø3,5+0,2
Hole arrangement
View in mounting direction
B65647
Accessories
PM 50/39



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com