Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65684-A-R87 Datasheet(PDF) 3 Page - EPCOS

Part # B65684-A-R87
Description  PM 62/49
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65684-A-R87 Datasheet(HTML) 3 Page - EPCOS

  B65684-A-R87 Datasheet HTML 1Page - EPCOS B65684-A-R87 Datasheet HTML 2Page - EPCOS B65684-A-R87 Datasheet HTML 3Page - EPCOS B65684-A-R87 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
264 08/01
Mounting assembly
I For chassis mounting1) or printed circuit boards
I The set comprises a yoke and a base plate
I Fixing nuts M3 and washers are supplied
Yoke
I Material: Brass clamping yoke (
∅ 2,6 mm) with thread
Base plate
I Material: Aluminum (0,6 mm)
Ordering code
Complete mounting assembly including nuts and washers
B65685-A2000
FPM0009-T
59,8+0,3
64,8+1
M3
69 0,2
_
60,96±0,1
ø3,5+0,15
1) On a chassis the coil former must be mounted with its solder pins upward.
B65685
Accessories
PM 62/49



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com