Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65686-A-R27 Datasheet(PDF) 1 Page - EPCOS

Part # B65686-A-R27
Description  PM 74/59
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65686-A-R27 Datasheet(HTML) 1 Page - EPCOS

  B65686-A-R27 Datasheet HTML 1Page - EPCOS B65686-A-R27 Datasheet HTML 2Page - EPCOS B65686-A-R27 Datasheet HTML 3Page - EPCOS B65686-A-R27 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
265 08/01
I In accordance with IEC 61247
I Particularly suitable for power transformers
and energy storage chokes
I PM cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 0,162 mm–1
le
= 128 mm
Ae
= 790 mm2
Amin = 630 mm2
Ve
= 101 000 mm3
Approx. weight 460 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
µe
Ordering code
N27
315
± 3 %
3,80
41
B65686-A315-A27
630
± 3 %
1,50
81
B65686-A630-A27
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N27
10000 + 30/– 20 % 1290 7000
7,5
(150 mT, 25 kHz, 100
°C)
B65686-A-R27
N87
10000 + 30/– 20 % 1290 7000
9,6
(100 mT, 100 kHz, 100
°C)
B65686-A-R87
B65686
Core
PM 74/59


Similar Part No. - B65686-A-R27

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65686 EPCOS-B65686 Datasheet
161Kb / 6P
Ferrites and accessories
B65686 EPCOS-B65686 Datasheet
258Kb / 9P
Ferrites and accessories
B65686A0000R027 EPCOS-B65686A0000R027 Datasheet
161Kb / 6P
Ferrites and accessories
B65686A0000R027 EPCOS-B65686A0000R027 Datasheet
258Kb / 9P
Ferrites and accessories
logo
TDK Electronics
B65686A0000R027 TDK-B65686A0000R027 Datasheet
171Kb / 9P
Ferrites and accessories
More results

Similar Description - B65686-A-R27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UL1403 ETC-UL1403 Datasheet
136Kb / 2P
OBUDOWA CE 74
logo
Ferroxcube Internationa...
PM74 FERROXCUBE-PM74 Datasheet
44Kb / 3P
PM cores
PM87 FERROXCUBE-PM87 Datasheet
42Kb / 3P
PM cores
PM87 FERROXCUBE-PM87 Datasheet
42Kb / 3P
PM cores
PM114 FERROXCUBE-PM114 Datasheet
42Kb / 3P
PM cores
logo
ERNI Electronics
DC0007160 ERNI-DC0007160 Datasheet
73Kb / 1P
MSpeed Federl. 90 PM MSpeed female 90 PM
DC0007175 ERNI-DC0007175 Datasheet
54Kb / 1P
MSpeed Messerl. 90. PM MSpeed male 90. PM
logo
FERYSTER Inductive Comp...
PQ26-25-K-12P-2625 FERYSTER-PQ26-25-K-12P-2625 Datasheet
138Kb / 1P
PHENOLIC PM-9820
logo
Adels-Contact
412803 ADELS-412803 Datasheet
137Kb / 1P
PM/ 3
logo
promoco-motors.com
73ZY PROMOCO-73ZY Datasheet
368Kb / 1P
PM DC Motor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com