Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF4045PC Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # GF4045PC
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

GF4045PC Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  GF4045PC Datasheet HTML 1Page - SMC Diode Solutions Co. LTD GF4045PC Datasheet HTML 2Page - SMC Diode Solutions Co. LTD GF4045PC Datasheet HTML 3Page - SMC Diode Solutions Co. LTD GF4045PC Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N2454, Rev.A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
GF4045PC
GF4045PC SCHOTTKY RECTIFIER
* Pulse width < 300 µs, duty cycle < 2%
Features
Mechanical Data
Maximum Ratings(limiting values, at 25 °C unless otherwise specified)
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
45
V
Average Rectified Forward Current
IF (AV)
TC= 114°C, In DC
40
A
Peak One Cycle Non-Repetitive Surge
Current
IFSM
8.3 ms, half Sine pulse
450
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop*
VF1
@ 40A, Pulse, TJ = 25 C
0.52
0.60
V
Reverse Current*
IR1
@VR = rated VR,TJ = 25 C
0.1
0.5
mA
IR2
@VR = rated VR,TJ = 125 C
54
150
mA
Junction Capacitance
(Per leg)
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
1795
-
pF
Schotty Barrier hight diode
Low thermal resistance
Lower forward voltage drop, low power loss
Isolate Package design, ideal for heat dispersion
High forward current capability
Excellent anti-humidity
Low profile package
High forward surge capability
Terminals: Tin plated
All SMC parts are traceable to the wafer lot
Additional electrical and life testing can be performed
upon request
Case: GFM
Terminals: Copper
High temperature soldering guaranteed
Heated-tool welding 260℃,10seconds
Marking Code: GF4045PC
GFM


Similar Part No. - GF4045PC

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
GF4045PS SMCDIODE-GF4045PS Datasheet
866Kb / 5P
SCHOTTKY RECTIFIER
Rev.
More results

Similar Description - GF4045PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com