Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z08 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48Z08
Description  5V, 64 Kbit (8Kb x 8) ZEROPOWER® SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z08 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48Z08_05 Datasheet HTML 8Page - STMicroelectronics M48Z08_05 Datasheet HTML 9Page - STMicroelectronics M48Z08_05 Datasheet HTML 10Page - STMicroelectronics M48Z08_05 Datasheet HTML 11Page - STMicroelectronics M48Z08_05 Datasheet HTML 12Page - STMicroelectronics M48Z08_05 Datasheet HTML 13Page - STMicroelectronics M48Z08_05 Datasheet HTML 14Page - STMicroelectronics M48Z08_05 Datasheet HTML 15Page - STMicroelectronics M48Z08_05 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
M48Z08, M48Z18
PACKAGE MECHANICAL INFORMATION
Figure 11. PCDIP28 – 28-pin Plastic DIP, battery CAPHAT, Package Outline
Note: Drawing is not to scale.
Table 11. PCDIP28 – 28-pin Plastic DIP, battery CAPHAT, Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
8.89
9.65
0.350
0.380
A1
0.38
0.76
0.015
0.030
A2
8.38
8.89
0.330
0.350
B
0.38
0.53
0.015
0.021
B1
1.14
1.78
0.045
0.070
C
0.20
0.31
0.008
0.012
D
39.37
39.88
1.550
1.570
E
17.83
18.34
0.702
0.722
e1
2.29
2.79
0.090
0.110
e3
29.72
36.32
1.170
1.430
eA
15.24
16.00
0.600
0.630
L
3.05
3.81
0.120
0.150
N28
28
PCDIP
A2
A1
A
L
B1
B
e1
D
E
N
1
C
eA
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com