Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2514 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB2514
Description  USB 2.0 High-Speed 4-Port Hub Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2514 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB2514 Datasheet HTML 9Page - SMSC Corporation USB2514 Datasheet HTML 10Page - SMSC Corporation USB2514 Datasheet HTML 11Page - SMSC Corporation USB2514 Datasheet HTML 12Page - SMSC Corporation USB2514 Datasheet HTML 13Page - SMSC Corporation USB2514 Datasheet HTML 14Page - SMSC Corporation USB2514 Datasheet HTML 15Page - SMSC Corporation USB2514 Datasheet HTML 16Page - SMSC Corporation USB2514 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
USB 2.0 High-Speed 4-Port Hub Controller
Datasheet
SMSC USB2514
13
Revision 1.92 (05-08-07)
DATASHEET
CFG_SEL2
n/a
33
I
Configuration Programming Select
Note:
This pin is not available in all packages; it is
held to a logic ‘0’ when not available
The logic state of this pin is internally latched on the
rising edge of RESET_N (RESET_N negation), and will
determine the hub configuration method as described in
Table 3.2, "SMBus or EEPROM Interface Behavior"
MISC
XTAL1/
CLKIN
33
45
ICLKx
Crystal Input/External Clock Input
24MHz crystal or external clock input.
This pin connects to either one terminal of the crystal or
to an external 24/48MHz clock when a crystal is not
used.
Note:
48MHz only available in 48 QFN.
XTAL2
32
44
OCLKx
Crystal Output
24MHz Crystal
This is the other terminal of the crystal, or pulled high
when an external clock source is used to drive
XTAL1/CLKIN. This output must not be used to drive
any external circuitry other than the crystal circuit.
RESET_N
26
34
IS
RESET Input
The system can reset the chip by driving this input low.
The minimum active low pulse is 1 us.
When the RESET_N pin is pulled to VDD33, the internal
POR (Power on Reset) is enabled and no external reset
circuitry is required. The internal POR holds the internal
logic in reset until the power supplies are stable.
Table 3.1 USB2514 Pin Descriptions (continued)
SYMBOL
36 QFN
48 QFN
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com