Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4398 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N4398
Description  Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N4398 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N4398 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N4398 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N4398 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N4398
Silicon PNP Power Transistor
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-a
Thermal Resistance,Junction to Ambient
35
℃
/W
Rth j-c
Thermal Resistance,Junction to Case
0.875
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -50mA ; IB= 0
-40
--
--
V
ICEO
Collector Cutoff Current
VCE= -40V; IB= 0
--
--
-5.0
mA
ICBO
Collector Cutoff Current
VCB= -40V; IE= 0
--
--
-1.0
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
--
--
-5.0
mA
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -10A; IB= -1A
--
--
-0.75
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -15A; IB= -1.5A
--
--
-1.0
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= -20A; IB= -2A
--
--
-2.0
V
VCE(sat)-4
Collector-Emitter Saturation Voltage
IC= -30A; IB= -6A
--
--
-4.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= -10A; IB= -1A
--
--
-1.6
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= -15A; IB= -1.5A
--
--
-1.85
V
VBE(sat)-3
Base-Emitter Saturation Voltage
IC= -20A; IB= -2A
--
--
-2.5
V
VBE(on)-1
Base-Emitter On Voltage
IC= -15A; VCE= -2V
--
--
-1.7
V
VBE(on)-2
Base-Emitter On Voltage
IC= -30A; VCE= -4V
--
--
-3.0
V
hFE-
DC Current Gain
IC= -1A; VCE= -10V
40
--
--
fT
Current-Gain—Bandwidth Product
IC= -1A; VCE= -10V ;ftest=
1.0MHz
4
--
--
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com