Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1744 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1744
Description  isc Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1744 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1744 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1744 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SA1744 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
2SA1744
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=-10mA, Ib=0
-60
--
--
V
ICBO
Collector Cutoff Current
VCB= -60V; IE= 0
--
--
-10
μ
A
ICEO
Collector Cutoff Current
VCE= -60V; Ib=0
--
--
-1.0
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
--
--
-10
μ
A
hFE-1*
DC Current Gain
IC= -1.5A; VCE= -2V
100
--
--
hFE-2*
DC Current Gain
IC= -3A; VCE= -2V
100
--
400
hFE-3*
DC Current Gain
IC= -8A; VCE= -2V
60
--
--
VCE(sat)-1*
Collector-Emitter Saturation Voltage
IC= -8A; IB= -0.4A
--
--
-0.3
V
VCE(sat)-2*
Collector-Emitter Saturation Voltage
IC= -12A; IB= -0.6A
--
--
-0.5
V
VBE(sat)-1*
Base-Emitter Saturation Voltage
IC= -8A; IB= -0.4A
--
--
-1.2
V
VBE(sat)-2*
Base-Emitter Saturation Voltage
IC= -12A; IB= -0.6A
--
--
-1.5
V
COB
Output Capacitance
IE= 0; VCB= -10V; f= 1MHz
--
290
--
pF
fT
Current-Gain—Bandwidth Product
IC= -1.5A ; VCE= -10V
--
80
--
MHz
* Pulse test PW ≤ 350 µs, duty cycle ≤ 2%
hFE
CLASSIFICATION
Marking
M
L
K
hFE-2*
100-200
150-300
200-400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com