Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1895 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD1895
Description  isc Silicon NPN Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1895 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1895 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1895 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Darlington Power Transistor
2SD1895
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 30mA; IB= 0
140
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 7A; IB= 7mA
2.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 7A; IB= 7mA
3.0
V
ICBO
Collector Cutoff Current
VCB= 160V; IE= 0
100
μ
A
ICEO
Collector Cutoff Current
VCE= 140V; IB= 0
100
μ
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
100
μ
A
hFE-1
DC Current Gain
IC= 1A; VCE= 5V
2000
hFE-2
DC Current Gain
IC= 7A; VCE= 5V
5000
30000
fT
Current-Gain—Bandwidth Product
IC= 0.5A; VCE= 10V
20
MHz
Switching Times
ton
Turn-on Time
IC= 7A; IB1= IB2= 7mA,
VCC= 50V
2.0
μ
s
tstg
Storage Time
6.0
μ
s
tf
Fall Time
1.2
μ
s
hFE-2 Classifications
Q
P
5000-15000
8000-30000
NOTICE:
ISC reserves the rights to make changes of the content herein the datasheet at any time without notification. The
information contained herein is presented only as a guide for the applications of our products.
ISC products are intended for usage in general electronic equipment. The products are not designed for use in
equipment which require specialized quality and/or reliability, or in equipment which could have applications in
hazardous environments, aerospace industry, or medical field. Please contact us if you intend our products to be
used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose, nor does
ISC assume any liability arising from the application or use of any products, and specifically disclaims any and all
liability, including without limitation special, consequential or incidental damages.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com