Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT6621 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WT6621
Description  Dual USB Power Control Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT6621 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WT6621 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT6621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
WT6621
Dual USB Power Control Switch
Version1.0
27 March, 2000
Weltrend Semiconductor, Inc. All Rights Reserved

PIN ASSIGNMENT
1
2
3
4
8
7
6
5
/EN1
/FG1
/FG2
/EN2
OUT1
IN
GND
OUT2
WT6621
PIN DESCRIPTIONS
Pin Number
Pin Name
I/O
Function Descriptions
1
/EN1
I
Enable input: Logic Compatible input to turns the
power switch on. (-NX Active Low, -PX active
High)
2
/FG1
O
Fault Flag: Logic output, open drain output. /FG1
is asserted active low to indicate Overcurrent,
UVLO, and Thermal Shutdown.
3
/FG2
O
Fault Flag: Logic output, open drain output. /FG2
is asserted active low to indicate Overcurrent,
UVLO, and Thermal Shutdown.
4
/EN2
I
Enable input: Logic Compatible input to turns the
power switch on. (-NX Active Low, -PX active
High)
5
OUT2
O
Power Switch output
6
GND
Ground
7
IN
I
Supply Input
8
OUT1
O
Power Switch output
Package and Ordering Information
Part Number
Enable (/EN)
Package
WT6621-SL
Active Low
8-pin SOIC
WT6621-DL
Active Low
8-pin DIP
WT6621-SH
Active High
8-pin SOIC
WT6621-DH
Active High
8-pin DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com