Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPAND Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # LPAND
Description  IP20 32W Constant Current Dimmable LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

LPAND Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  LPAND Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
LPAND
DESCRIPTION
IP20 32W Constant Current Dimmable LED Driver
NET WEIGHT (KG)
0.235
FINISH
White
DIMENSIONS (MM)
Length - 138
Height - 30
Width - 44
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP20
DIMMABLE
Trailing-edge only*
IC RATED
No
INPUT VOLTAGE
230V 50Hz
DRIVER
DRIVER TYPE - Constant Current
MAX. OUTPUT - 32W
OUTPUT VOLTAGE - 30-40V
OUTPUT CURRENT - 800mA
POWER FACTOR - 0.9
EFFICIENCY FULL LOAD - 85
ISOLATION - SELV
AMBIENT TEMPERATURE (Ta) - 45°C
CASE TEMPERATURE (Tc) - 90°C
WARRANTY
3year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 62471, BS EN 62493
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5056270821475
Date Created: 07/05/2024 01:45
www.mlaccessories.co.uk
LPAND
IP20 32W Constant Current Dimmable LED Driver


Similar Part No. - LPAND

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LPAN MSYSTEM-LPAN Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPAN-11M1W MSYSTEM-LPAN-11M1W Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPAN-11M1W/Q MSYSTEM-LPAN-11M1W/Q Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPAN-11M2W MSYSTEM-LPAN-11M2W Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPAN-11M2W/Q MSYSTEM-LPAN-11M2W/Q Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
More results

Similar Description - LPAND

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7890 MAXIC-MT7890 Datasheet
140Kb / 1P
TRIAC Dimmable Constant Current LED Driver
MT7893 MAXIC-MT7893 Datasheet
141Kb / 1P
TRIAC Dimmable Constant Current LED Driver
MT7896 MAXIC-MT7896 Datasheet
146Kb / 1P
TRIAC Dimmable Constant Current LED Driver
MT7897 MAXIC-MT7897 Datasheet
146Kb / 1P
TRIAC Dimmable Constant Current LED Driver
MT7898 MAXIC-MT7898 Datasheet
321Kb / 1P
TRIAC Dimmable Constant Current LED Driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
PWM dimmable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
Dimmable constant current LED driver
logo
Maxic Technology Corpor...
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7651L MAXIC-MT7651L Datasheet
80Kb / 1P
Linear Dimmable Constant Current LED Driver
MT7652H MAXIC-MT7652H Datasheet
79Kb / 1P
Linear Dimmable Constant Current LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com