Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65733-A-R27 Datasheet(PDF) 2 Page - EPCOS

Part # B65733-A-R27
Description  PM 114/93 In accordance with IEC 61247
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65733-A-R27 Datasheet(HTML) 2 Page - EPCOS

  B65733-A-R27 Datasheet HTML 1Page - EPCOS B65733-A-R27 Datasheet HTML 2Page - EPCOS B65733-A-R27 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
272 08/01
Coil former without solder pins
Material:
Polyphenylene sulphide (UL 94 V-0, insulation class to IEC 85:
F
max. operating temperature 155
°C), color code brown
Winding:
see “Processing Notes”, page 154
Sections
AN
mm2
lN
mm
AR value
µΩ
Ordering code
1
1070
210
6,75
B65734-B1000-T1
FPM0017-J
44
ø48 max.
B65734
Accessories
PM 114/93



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com