Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65855 Datasheet(PDF) 2 Page - EPCOS

Part # B65855
Description  EP5 Core
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65855 Datasheet(HTML) 2 Page - EPCOS

  B65855 Datasheet HTML 1Page - EPCOS B65855 Datasheet HTML 2Page - EPCOS B65855 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
276 08/01
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
°C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 350
°C, 1 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3,5 s
permissible soldering temperature for wire-wrap connection on coil former: 400
°C, 1 s
Winding:
see “Processing Notes”, page 156
Coil former and cape yoke on request.
Coil former
Cap yoke
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
Ordering code
1
2,1
10,4
168
6
B65856-A1006-T1
Cap yoke
B65856-C2000
FEP0003-R
2,6±0,05
1,85
1,85
5,2 max.
2,9+0,1
8,0 max.
8,6
1,5
0,1
4,1_
0,1
3,7 _
0,6
4,9 max.
FEP0037-Z
6,6+04
5
2,2
0,2
Recommended
PCB layout
B65856
Accessories
EP 5
Preliminary data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com