Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82792-C2 Datasheet(PDF) 2 Page - EPCOS

Part # B82792-C2
Description  Chokes for Data and Signal Lines
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82792-C2 Datasheet(HTML) 2 Page - EPCOS

  B82792-C2 Datasheet HTML 1Page - EPCOS B82792-C2 Datasheet HTML 2Page - EPCOS B82792-C2 Datasheet HTML 3Page - EPCOS B82792-C2 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
276 04/00
Dimensional drawing
Layout recommendation
SSB1564-M
2,5±0,2
11,5 max.
14±0,4
A
Beschriftung
10,5 max.
max. 0,1 A
Marking
SSB1462-Z
9
15
B82792-C2
Chokes for Data and Signal Lines
Quad Chokes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com