Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84144-A120-R Datasheet(PDF) 2 Page - EPCOS

Part # B84144-A120-R
Description  4-Line Filters for Converters and Power Electronics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84144-A120-R Datasheet(HTML) 2 Page - EPCOS

  B84144-A120-R Datasheet HTML 1Page - EPCOS B84144-A120-R Datasheet HTML 2Page - EPCOS B84144-A120-R Datasheet HTML 3Page - EPCOS B84144-A120-R Datasheet HTML 4Page - EPCOS B84144-A120-R Datasheet HTML 5Page - EPCOS B84144-A120-R Datasheet HTML 6Page - EPCOS B84144-A120-R Datasheet HTML 7Page - EPCOS B84144-A120-R Datasheet HTML 8Page - EPCOS B84144-A120-R Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
275 04/02
4-Line Filters
B84144
for Converters and Power Electronics
Typical circuit diagram
Technical data
Rated voltage VR
440/250 V~, 50/60 Hz
Rated current I R
Referred to 40
°C ambient temperature
Test voltage VP
1770 V–, 2 s (line/line)
2700 V–, 2 s (lines/case), for 16 …
50 A
2550 V–, 2 s (lines/case), for 80 … 180 A
2121 V–, 2 s (lines/case), for 250 … 1600 A
Overload capability
1,5 · IR for 3 min per hour or
2,5 · IR für 30 s per hour
Leakage current Ileak
at 400 V~, 50 Hz
Climatic category
25/100/21 (– 25
°C/+100 °C/21 days damp heat test)
in accordance with EN 60068-1
L1
N
SSB1076-F
L2
L2’
L3’
L1’
L3
N’
PE
PE
LINE
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com