Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84144-A180-R Datasheet(PDF) 4 Page - EPCOS

Part # B84144-A180-R
Description  4-Line Filters for Converters and Power Electronics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84144-A180-R Datasheet(HTML) 4 Page - EPCOS

  B84144-A180-R Datasheet HTML 1Page - EPCOS B84144-A180-R Datasheet HTML 2Page - EPCOS B84144-A180-R Datasheet HTML 3Page - EPCOS B84144-A180-R Datasheet HTML 4Page - EPCOS B84144-A180-R Datasheet HTML 5Page - EPCOS B84144-A180-R Datasheet HTML 6Page - EPCOS B84144-A180-R Datasheet HTML 7Page - EPCOS B84144-A180-R Datasheet HTML 8Page - EPCOS B84144-A180-R Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
277 04/02
4-Line Filters
B84144
for Converters and Power Electronics
Dimensional drawings
B84144-A16-R
B84144-A25-R … B84144-A50-R
SSB1077-N
163 max.
141 max.
70±0,2
5,5±0,1
86 max.
12,5±1
LINE
LOAD
PE M6 x 25
2
4 mm
Anschlussklemmen
x
4 x M5/6 mm tief
60±0,4
Marking
Terminal blocks
4mm2
4
× M5 / 6 mm deep
SSB1078-W
22,5±1
6,6±0,2
80±0,2
LINE
LOAD
166 max.
216 max.
2
10 mm
Anschlussklemmen
126 max.
PE M6 x 25
4 x M6/6 mm tief
x
100±0,4
Marking
Terminal blocks
10 mm2
4
× M6 / 6 mm deep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com