Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65859 Datasheet(PDF) 2 Page - EPCOS

Part # B65859
Description  EPX 10 For xDSL-line transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65859 Datasheet(HTML) 2 Page - EPCOS

  B65859 Datasheet HTML 1Page - EPCOS B65859 Datasheet HTML 2Page - EPCOS B65859 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
288 08/01
SMD coil former with U terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, Test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
permissible soldering temperature for wire-wrap connection on coil former: 400°C, 1 s
Winding:
see “Processing Notes”, page 160
Cap yoke
Without ground terminal, made of stainless spring steel, 0,25 mm thick
Coil former
Cap yoke
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
Ordering code
1
12,4
24,4
67,8
8
B65860-F1108-T1
Cap yoke
B65860-C2000
FEP0015-H
3,5 min.
4,7
9,1 max.
13,2 max.
LCP
0,6
7 max.
0,6
0,6
12,2
15,5 max.
2,54
7,62
1,2
Recommended PCB layout
FEP0016-V
12
10,8
11
9,2
11,1
6,5
8,6
View A
A
B65860
Accessories
EPX 10
Preliminary data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com