Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82796-S0 Datasheet(PDF) 2 Page - EPCOS

Part # B82796-S0
Description  Chokes for Data and Signal Lines
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82796-S0 Datasheet(HTML) 2 Page - EPCOS

  B82796-S0 Datasheet HTML 1Page - EPCOS B82796-S0 Datasheet HTML 2Page - EPCOS B82796-S0 Datasheet HTML 3Page - EPCOS B82796-S0 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
288 04/00
General technical data
Characteristics and ordering codes
1) Types with higher rated current upon request.
Rated voltage
VR
42 Vac (50/60 Hz)
80 Vdc
Rated current
IR
Referred to 50 Hz and 60
°C ambient temperature
Rated inductance
LR
Measured with HP 4275A
at
L
≤ 1 mH = 100 kHz, 0,1 mA
L > 1 mH = 10 kHz, 0,1 mA
(specified per winding)
Inductance tolerance
B82796-+****-N201:
± 30 %
B82796-+****-N215/-N265:– 30 %/+ 50 %
Inductance decrease
∆L/L
0
< 10 % at dc magnetic bias with
IR
Stray inductance
LS
Measured at 100 kHz and 5 mA
DC resistance
Rtyp
Typical values, measured at 20
°C ambient temperature
Climatic category
40/125/56 (– 40
°C/+ 125 °C/56 days damp heat test)
in accordance with IEC 60068-1
Weight
Approx. 0,25 g
LR
mH
LS, typ
nH
IR1)
mA
Rtyp
Ω
VT
Vdc, 2 s
Ordering code
0,005
50
1200
0,075
250
B82796-C0502-N201
0,011
50
800
0,120
250
B82796-C0113-N201
0,025
1500
800
0,130
250
B82796-S0253-N201
0,051
2000
800
0,160
250
B82796-S0513-N201
0,470
200
700
0,200
750
B82796-C0474-N215
1,0
200
700
0,200
750
B82796-C0105-N265
2,2
250
500
0,400
750
B82796-C0225-N265
4,7
300
400
0,550
750
B82796-C0475-N265
B82796-C0
Chokes for Data and Signal Lines
B82796-S0
Double Chokes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com