Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41696 Datasheet(PDF) 5 Page - EPCOS

Part # B41696
Description  Axial-Lead and Soldering Star Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41696 Datasheet(HTML) 5 Page - EPCOS

  B41696 Datasheet HTML 1Page - EPCOS B41696 Datasheet HTML 2Page - EPCOS B41696 Datasheet HTML 3Page - EPCOS B41696 Datasheet HTML 4Page - EPCOS B41696 Datasheet HTML 5Page - EPCOS B41696 Datasheet HTML 6Page - EPCOS B41696 Datasheet HTML 7Page - EPCOS B41696 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
296 10/02
B41696 / B41796
Low ESR, Compact – 125 °C
Overview of available types
Case dimensions and ordering codes
Technical data
UR (VDC)
25
40
CR (µF)
Case dimensions
d
× l (mm)
470
12
× 30
680
12
× 30
1 000
14
× 25
16
× 30
2 200
18
× 39
3 300
18
× 39
UR
VDC
CR
µF
Case dim.
d
× l
mm
Ordering code
Axial
pallet package
Axial
reel
Soldering star
25
680
12
× 30
B41696A5687Q007
B41696A5687Q009
B41796A5687Q000
1 000
14
× 25
B41696A5108Q007
B41696A5108Q009
B41796A5108Q000
3 300
18 x 39
B41696A5338Q007
B41796A5338Q000
40
470
12
× 30
B41696A7477Q007
B41696A7477Q009
B41796A7477Q000
1 000
16
× 30
B41696A7108Q007
B41696A7108Q009
B41796A7108Q000
2 200
18 x 39
B41696A7228Q007
B41796A7228Q000
CR
100 Hz
20
°C
µF
ESRtyp
100 Hz
20
°C
m
Ω
ESR max
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
−40 °C
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
I~max
10 kHz
40
°C
A
I~max
10 kHz
85
°C
A
I~R
10 kHz
125
°C
A
25 VDC
680
110
170
1,20
95
90
5,40
4,25
1,60
1 000
80
120
0,65
70
68
5,70
4,50
1,70
3 300
30
45
0,20
25
24
11,50
9,20
3,50
40 VDC
470
110
180
0,90
75
72
5,80
4,60
1,75
1 000
60
90
0,45
45
44
8,00
6,30
2,40
2 200
30
50
0,20
25
24
11,50
9,20
3,50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com