Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65859-A-R57 Datasheet(PDF) 1 Page - EPCOS

Part # B65859-A-R57
Description  EPX 10 For xDSL-line transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65859-A-R57 Datasheet(HTML) 1 Page - EPCOS

  B65859-A-R57 Datasheet HTML 1Page - EPCOS B65859-A-R57 Datasheet HTML 2Page - EPCOS B65859-A-R57 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
287 08/01
I For xDSL-line transformer
I Outer dimensions of EP10
I Optimized design for low distortion
I EPX cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 1,36 mm–1
le
= 21,7 mm
Ae
= 15,9 mm2
Amin = 13,2 mm2
Ve
= 345 mm3
Approx. weight 2,8 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
µe
Ordering code
T38
63
± 3 %
0,31
68
B65859-A63-A38
100
± 3 %
0,20
109
B65859-A100-A38
160
± 5 %
0,12
174
B65859-A160-J38
200
± 6 %
0,10
217
B65859-A200-C38
250
± 7 %
0,08
271
B65859-A250-E38
T57
63
± 3 %
0,31
68
B65859-A63-A57
100
± 3 %
0,20
109
B65859-A100-A57
160
± 5 %
0,12
174
B65859-A160-J57
200
± 6 %
0,10
217
B65859-A200-C57
250
± 7 %
0,08
271
B65859-A250-E57
Material
AL value
nH
µe
Ordering code
T57
2000 + 30/– 20 %
2170
B65859-A-R57
T38
6100 + 40/– 30 %
6680
B65859-A-Y38
FEP0014-G
0,6
11,8
3,45
9,1+0,4
0,3
4,97 min.
_
_
B65859
Core
EPX 10
Preliminary data


Similar Part No. - B65859-A-R57

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65859 EPCOS-B65859 Datasheet
119Kb / 4P
Ferrites and accessories
logo
TDK Electronics
B65859 TDK-B65859 Datasheet
370Kb / 7P
Ferrites and accessories
logo
EPCOS
B65859A0000R057 EPCOS-B65859A0000R057 Datasheet
119Kb / 4P
Ferrites and accessories
B65859A0000R057 EPCOS-B65859A0000R057 Datasheet
225Kb / 7P
Ferrites and accessories
logo
TDK Electronics
B65859A0000R057 TDK-B65859A0000R057 Datasheet
370Kb / 7P
Ferrites and accessories
More results

Similar Description - B65859-A-R57

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65857 EPCOS-B65857 Datasheet
96Kb / 3P
EPX 7/9 For xDSL-line transformer
logo
Rhombus Industries Inc.
T-885G RHOMBUS-IND-T-885G Datasheet
35Kb / 1P
xDSL Transformer
T-1188G RHOMBUS-IND-T-1188G Datasheet
41Kb / 1P
xDSL Transformer
logo
XFMRS Inc.
XF0144-EP16S XFMRS-XF0144-EP16S Datasheet
56Kb / 1P
XDSL TRANSFORMER
logo
LinkCom Manufacturing C...
LAL0520-60 LINKCOM-LAL0520-60 Datasheet
69Kb / 1P
xDSL Transformer
LAL0562-80 LINKCOM-LAL0562-80 Datasheet
67Kb / 1P
xDSL Transformer
LAL0562-88 LINKCOM-LAL0562-88 Datasheet
71Kb / 1P
xDSL Transformer
LAL0576-60 LINKCOM-LAL0576-60 Datasheet
71Kb / 1P
xDSL Transformer
LAL1038-60R LINKCOM-LAL1038-60R Datasheet
72Kb / 1P
xDSL Transformer
LAL2200-50 LINKCOM-LAL2200-50 Datasheet
127Kb / 1P
xDSL Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com