Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65839-A-R87 Datasheet(PDF) 4 Page - EPCOS

Part # B65839-A-R87
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65839-A-R87 Datasheet(HTML) 4 Page - EPCOS

  B65839-A-R87 Datasheet HTML 1Page - EPCOS B65839-A-R87 Datasheet HTML 2Page - EPCOS B65839-A-R87 Datasheet HTML 3Page - EPCOS B65839-A-R87 Datasheet HTML 4Page - EPCOS B65839-A-R87 Datasheet HTML 5Page - EPCOS B65839-A-R87 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
279 08/01
Coil former
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code green
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Winding:
see “Processing Notes”, page 156
Squared pins
Cap yoke
With ground terminal, made of stainless spring steel (tinned), 0,25 mm thick
Coil former
Cap yoke
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
1
4,7
17,7
128,7
4
6
B65840-B1004-D1
B65840-B1006-D1
2
4,2
17,7
143,8
4
6
B65840-B1004-D2
B65840-B1006-D2
Cap yoke
B65840-D2000
FEP0005-Z
View in mounting direction
Hole arrangement
4,8
ø1+0,2
Ground ø1,3+0,2
4,4 0,1
_
10,7
7 0,1
_
0,2
_
3,6+0,1
Marking
of pin 1
0,45
0,5±0,05
0,1
_
FEP0006-U
5,6
3,8
8,2 min.
9,6 min.
0,4
A
View A
6,6 min.
_
1 0,1
B65840
Accessories
EP 7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com