Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65845-J-R30 Datasheet(PDF) 3 Page - EPCOS

Part # B65845-J-R30
Description  EP 17 For transformers featuring high inductance and low overall height
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65845-J-R30 Datasheet(HTML) 3 Page - EPCOS

  B65845-J-R30 Datasheet HTML 1Page - EPCOS B65845-J-R30 Datasheet HTML 2Page - EPCOS B65845-J-R30 Datasheet HTML 3Page - EPCOS B65845-J-R30 Datasheet HTML 4Page - EPCOS B65845-J-R30 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
300 08/01
Coil former
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
H
max. operating temperature 180 °C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Winding:
see “Processing Notes”, page 156
Squared pins
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
Ordering code
1
20,3
28,7
48,6
8
B65846-W1008-D1
FEP0028-C
View in mounting direction
Ground ø1,3+0,2
ø1+0,2
Hole arrangement
0,2
6+0,15
11,4 _
18,7
0,3
21,5 _
0,7
0,45
including pin 1
Marking of pin row
0,1
10,9 _
0,7
B65846
Accessories
EP 17



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com