Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65495 Datasheet(PDF) 3 Page - EPCOS

Part # B65495
Description  Miniature pot cores for adjustable miniature inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65495 Datasheet(HTML) 3 Page - EPCOS

  B65495 Datasheet HTML 1Page - EPCOS B65495 Datasheet HTML 2Page - EPCOS B65495 Datasheet HTML 3Page - EPCOS B65495 Datasheet HTML 4Page - EPCOS B65495 Datasheet HTML 5Page - EPCOS B65495 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
309 08/01
Coil former with positioning lug
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
°C), color code black
Winding:
see “Processing Notes”, page 155
Sections
AN
mm2
lN
mm
AR value
µΩ
Ordering code
1
0,8
9,5
400
B65496-B1000-T1
0,35
FPK0273-Y
Positioning lug
2,55
0,25
N
A
0,25
0,07
_
B65496
Accessories
P 4,6
× 4,1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com