Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65843-A-R30 Datasheet(PDF) 7 Page - EPCOS

Part # B65843-A-R30
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65843-A-R30 Datasheet(HTML) 7 Page - EPCOS

  B65843-A-R30 Datasheet HTML 1Page - EPCOS B65843-A-R30 Datasheet HTML 2Page - EPCOS B65843-A-R30 Datasheet HTML 3Page - EPCOS B65843-A-R30 Datasheet HTML 4Page - EPCOS B65843-A-R30 Datasheet HTML 5Page - EPCOS B65843-A-R30 Datasheet HTML 6Page - EPCOS B65843-A-R30 Datasheet HTML 7Page - EPCOS B65843-A-R30 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
294 08/01
SMD coil former with U terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, Test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
permissible soldering temperature for wire-wrap connection on coil former: 400°C, 1 s
Winding:
see “Processing Notes”, page 160
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
Ordering code
1
14,1
23,8
58,2
10
B65844-F1110-T1
FEP0024-K
10,16
2,54
1,2
Recommended PCB layout
4,6+0,15
LCP
9,5 0,15
_
0,15
5,8 _
0,7
0,2
12,8 _
0,5±0,1
0,5±0,1
0,1
8,9 _
19,6±0,2
16,2±0,2
B65844
Accessories
EP 13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com