Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65843-A-R65 Datasheet(PDF) 3 Page - EPCOS

Part # B65843-A-R65
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65843-A-R65 Datasheet(HTML) 3 Page - EPCOS

  B65843-A-R65 Datasheet HTML 1Page - EPCOS B65843-A-R65 Datasheet HTML 2Page - EPCOS B65843-A-R65 Datasheet HTML 3Page - EPCOS B65843-A-R65 Datasheet HTML 4Page - EPCOS B65843-A-R65 Datasheet HTML 5Page - EPCOS B65843-A-R65 Datasheet HTML 6Page - EPCOS B65843-A-R65 Datasheet HTML 7Page - EPCOS B65843-A-R65 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
290 08/01
Ungapped
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N30
2800 + 30/– 20 % 2765
B65843-A-R30
T571)
2500 + 30/– 20 % 2470
B65843-A-R57
T65
4000 + 30/– 20 % 3950
B65843-A-R65
T38
7000 + 40/– 30 % 6910
B65843-A-Y38
T42
8500 + 40/– 30 % 8300
B65843-A-Y42
N87
1600 + 30/– 20 % 1580
900
< 0,18
(200 mT, 100 kHz, 100 °C)
B65843-A-R87
1) Preliminary data
B65843
Core
EP 13



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com