Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE401YS Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCE401YS
Description  OSCILLATOR IC WITH ELECTRONIC CALIBRATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE401YS Datasheet(HTML) 3 Page - Texas Instruments

  CDCE401YS Datasheet HTML 1Page - Texas Instruments CDCE401YS Datasheet HTML 2Page - Texas Instruments CDCE401YS Datasheet HTML 3Page - Texas Instruments CDCE401YS Datasheet HTML 4Page - Texas Instruments CDCE401YS Datasheet HTML 5Page - Texas Instruments CDCE401YS Datasheet HTML 6Page - Texas Instruments CDCE401YS Datasheet HTML 7Page - Texas Instruments CDCE401YS Datasheet HTML 8Page - Texas Instruments CDCE401YS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
XIN
OG[1:0]
OG[1:0]
OP[2:0]
EN
FOUT
XOUT
VSS
CXOUT
C
BASE
CXOUT
C
BASE
Var
C
BASE
Var
C
BASE
C
L
C
L
CXO[7:0]
Read-Back
Mode
CXI[7:0]
Oscillator
Gain
Stage
EEPROM
and
Control
Logic
SDATA
2MW
VDD
Divider
P
Bias
M
U
X
2MW
B0027-03
CDCE401
SCAS820 – JUNE 2006
FUNCTIONAL BLOCK DIAGRAM
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com