Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1185SF Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM1185SF
Description  150 mA C-MOS L.D.O. Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1185SF Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM1185SF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1185SF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1185SF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1185SF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
150 mA C-MOS L.D.O. Regulator
LM1185SF
ELECTRICAL CHARACTERISTICS
(at Ta = 25℃, VIN = Vout+0.5V, unless otherwise noted)
0702 Taejin Technology Co.,Ltd.
HTC
2
ABSOLUTE MAXIMUM RATING (Note 1)
Supply Voltage (Vin)
+6.5V
Output Current (Iout)
150 mA
Output Voltage (Vout)
Vss-0.3 to Vin+0.3V
Total Power Dissipation (Pd) SOT-23-5L
300 mW
SOT-89-5L
500 mW
Operating Ambient Temperature (Topr)
-30 ~ +80 °C
Lead Temperature (soldering, 5 sec)
260°C
Storage Temperature (Tstg)
-40 ~ +125 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com