Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C512 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M27C512
Description  512 Kbit (64K x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M27C512_07 Datasheet HTML 14Page - STMicroelectronics M27C512_07 Datasheet HTML 15Page - STMicroelectronics M27C512_07 Datasheet HTML 16Page - STMicroelectronics M27C512_07 Datasheet HTML 17Page - STMicroelectronics M27C512_07 Datasheet HTML 18Page - STMicroelectronics M27C512_07 Datasheet HTML 19Page - STMicroelectronics M27C512_07 Datasheet HTML 20Page - STMicroelectronics M27C512_07 Datasheet HTML 21Page - STMicroelectronics M27C512_07 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
M27C512
Revision history
21/22
8
Revision history
Table 18.
Document revision history
Date
Revision
Changes
November
1998
1.0
First Issue
25-Sep-2000
1.1
AN620 Reference removed
02-Apr-2001
1.2
FDIP28W mechanical dimensions changed (<Blue>Table 14.)
29-Aug-2002
1.3
Package mechanical data clarified for PDIP28 (Table 15),
PLCC32 (Table 16, Figure 12) and TSOP28 (Table 16., Figure 7.)
08-Nov-2004
2.0
Details of ECOPACK lead-free package options added.
Additional Burn-in option removed
18-May-2007
3
ECOPACK lead-free text updated in Section 1: Description. TLEAD
and Note 1 removed from Table 5: Absolute maximum ratings.
TSOP28 package removed.
60, 80, 200 and 250 access times removed from the whole
document.
Blank, TR, E, and F Options removed from Table 17: Ordering
Information Scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com