Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3D08065F Datasheet(PDF) 9 Page - SMC Diode Solutions Co. LTD

Part # S3D08065F
Description  650V SIC POWER SCHOTTKY RECTIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S3D08065F Datasheet(HTML) 9 Page - SMC Diode Solutions Co. LTD

Back Button S3D08065F Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 6Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 7Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 8Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 9Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 10Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Technical Data
Data Sheet N2425, REV. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S3D08065A
S3D08065E
S3D08065G
S3D08065F
S3D08065I
Mechanical Dimensions ITO-220AC(TO-220-2F)
Symbol
Dimensions in millimeters
Min.
Typical
Max.
A
4.30
4.0
4.70
A1
1.30
A2
2.80
3.00
3.20
A3
2.50
2.70
2.90
b
0.5
0.6
0.75
b1
1.20
b2
1.60
e
0.55
0.6
0.75
D
14.80
15.00
15.20
E
8.96
10.14
10.36
e
2.55
e1
5.10
H1
8.50
8.70
8.90
L
17.70
18.20
18.70
L1
1.80
L2
1.00
L3
0.80
L4
1.10
ΦP1(上口)
3.30
3.50
3.70
ΦP1(下口)
2.99
3.19
3.39
Q
2.50
2.70
2.90
Θ1
5°
Θ2
4°
Θ3
10°
Θ4
5°
Θ5
5°
Mechanical Dimensions TO-220-Isolation
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
9.7
10.4
0.381
0.409
B
2.5
3.0
0.098
0.118
C
3.5
3.9
0.137
0.153
D
0.7
0.92
0.027
0.036
E
3.72
3.95
0.146
0.155
F
14.51
15.55
0.571
0.612
G
12.95
13.9
0.509
0.547
H
4.95
5.19
0.194
0.204
I
4.38
4.65
0.172
0.183
J
1.15
1.36
0.045
0.053
K
5.86
6.38
0.230
0.251
L
2.35
2.85
0.092
0.112
M
0.32
0.58
0.012
0.022
N
1.18
1.42
0.046
0.055



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com